Part Number Hot Search : 
74LS373P RFP30P06 X25650AE IR3802 IR3802 C100LVE N5257 MCP601
Product Description
Full Text Search
 

To Download TDA1085C-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 february, 2002 rev. 7 1 publication order number: tda1085c/d tda1085c universal motor speed controller the tda1085c is a phase angle triac controller having all the necessary functions for universal motor speed control in washing machines. it operates in closed loop configuration and provides two ramp possibilities. ? onchip frequency to voltage converter ? onchip ramps generator ? softstart ? load current limitation ? tachogenerator circuit sensing ? direct supply from ac line ? security functions performed by monitor figure 1. representative block diagram and pin connections reset control amp. = -v cc current limiter 0.7 v + - ramp generator speed detector shunt regulator ballast resistor + v cc monitoring voltage reg digital speed sense f/vc pump capacitor actual speed set speed ramp current gen. control motor current limit ramp gen. timing closed loop stability sawtooth capacitor sawtooth set current voltage synchronization current synchronization trigger pulse output trigger pulse gen. 9 10 8 12 11 4 5 6 3 7 16 14 15 2 1 13 http://onsemi.com marking diagram device operating temperature range package ordering information tda1085c t j = 10 to +120 c plastic dip c suffix plastic package case 648 pdip 16 1 tda1085c 16 1 awlyyww tda1085c = device code a = assembly location wl = wafer lot yy = year ww = work week
tda1085c http://onsemi.com 2 maximum ratings (t a = 25 c, voltages are referenced to pin 8, ground) rating symbol value unit power supply, when externally regulated, v pin 9 v cc 15 v maximum voltage per listed pin pin 3 pin 4567131416 pin 10 v pin + 5.0 0 to + v cc 0 to + 17 v maximum current per listed pin pin 1 and 2 pin 3 pin 9 (v cc ) pin 10 shunt regulator pin 12 pin 13 i pin 3.0 to + 3.0 1.0 to + 0 15 35 1.0 to + 1.0 200 ma maximum power dissipation p d 1.0 w thermal resistance, junctiontoair r q ja 65 c/w operating junction temperature t j 10 to + 120 c storage temperature range t stg 55 to + 150 c electrical characteristics (t a = 25 c) characteristic symbol min typ max unit voltage regulator internally regulated voltage (v pin 9 ) (i pin 7 = 0, i pin 9 + i pin 10 = 15 ma, i pin 13 = 0) v cc 15 15.3 16 v v cc temperature factor tf e 100 e ppm/ c current consumption (i pin 9 ) (v 9 = 15 v, v 12 = v 8 = 0, i 1 = i 2 = 100 m a, all other pins not connected) i cc e 4.5 6.0 ma v cc monitoring enable level v cc monitoring disable level v cc en v cc dis e e v cc 0.4 v cc 1.0 e e v ramp generator reference speed input voltage range v pin 5 0.08 e 13.5 v reference input bias current i pin 5 0 0.8 1.0 m a ramp selection input bias current i pin 6 0 e 1.0 m a distribution starting level range v ds 0 e 2.0 v distribution final level v pin 6 = 0.75 v v df /v ds 2.0 2.09 2.2 high acceleration charging current v pin 7 = 0 v v pin 7 = 10 v i pin 7 1.0 1.0 e 1.2 1.7 1.4 ma distribution charging current v pin 7 = 2.0 v i pin 7 4.0 5.0 7.0 m a
tda1085c http://onsemi.com 3 electrical characteristics (continued) characteristic symbol min typ max unit current limiter limiter current gain e i pin 7 /i pin 3 (i pin3 = 300 m a) c g 130 180 250 detection threshold voltage i pin 3 = 10 m a v pin 3 th 50 65 80 mv frequency to voltage converter input signal alow voltageo input signal ahigh voltageo monitoring reset voltage v 12 l v 12 h v 12 r 100 +100 5.0 e e e e e e mv mv v negative clamping voltage i pin 12 = 200 m a v 12 cl e 0.6 e v input bias current i pin12 e 25 e m a internal current source gain g  i pin 4 i pin 11 ,v pin 4  v pin 11  0 g.0 9.5 e 11 gain linearity versus voltage on pin 4 (g 8.6 = gain for v pin 4 = 8.6 v) v 4 = 0 v v 4 = 4.3 v v 4 = 12 v g/g 8.6 1.04 1.015 0.965 1.05 1.025 0.975 1.06 1.035 0.985 gain temperature effect (v pin 4 = 0) tf e 350 e ppm/ c output leakage current (i pin 11 = 0) i pin 4 0 e 100 na control amplifier actual speed input voltage range v pin 4 0 e 13.5 v input offset voltage v pin 5 v pin 4 (i pin 16 = 0, v pin 16 = 3.0 and 8.0 v) v off 0 e 50 mv amplifier transconductance (i pin 16 / d (v 5 v 4 ) (i pin 16 = + and 50 m a, v pin 16 = 3.0 v) t 270 340 400 m a/v output current swing capability source sink i pin 16 200 50 100 100 50 200 m a output saturation voltage v 16 sat e e 0.8 v trigger pulse generator synchronization level currents voltage line sensing triac sensing i pin 2 i pin 1 e e 50 50 100 100 m a trigger pulse duration (c pin 14 = 47 nf, r pin 15 = 270 k w) t p e 55 e m s trigger pulse repetition period, conditions as a.m. t r e 220 e m s output pulse current v pin 13 = v cc 4.0 v i pin 13 180 192 e ma output leakage current v pin 13 = 3.0 v i 13 l e e 30 m a full angle conduction input voltage v 14 e 11.7 e v saw tooth ahigho level voltage v 14 h 12 e 12.7 v saw tooth discharge current, i pin15 = 100 m a i pin 14 90 e 105 m a
tda1085c http://onsemi.com 4 general description the tda 1085c triggers a triac accordingly to the speed regulation requirements. motor speed is digitally sensed by a tachogenerator and then converted into an analog voltage. the speed set is externally fixed and is applied to the internal linear regulation input after having been submitted to programmable acceleration ramps. the overall result consists in a full motor speed range with two acceleration ramps which allow efficient washing machine control (distribute function). additionally, the tda 1085c protects the whole system against ac line stop or variations, overcurrent in the motor and tachogenerator failure. input/output functions (refer to figures 1 and 8) voltage regulator (pins 9 and 10) this is a parallel type regulator able to sink a large amount of current and offering good characteristics. current flow is provided from ac line by external dropping resistors r1, r2, and rectifier: this half wave current is used to feed a smothering capacitor, the voltage of which is checked by the ic. when v cc is reached, the excess of current is derived by another dropping resistor r10 and by pin 10. these three resistors must be determined in order: ? to let 1.0 ma flow through pin 10 when ac line is minimum and v cc consumption is maximum (fast ramps and pulses present). ? to let v 10 reach 3.0 v when ac line provides maximum current and v cc consumption is minimum (no ramps and no pulses). ? all along the main line cycle, the pin 10 dynamic range must not be exceeded unless loss of regulation. an ac line supply failure would cause shut down. the double capacitive filter built with r1 and r2 gives an efficient v cc smoothing and helps to remove noise from set speeds. speed sensing (pins 4, 11, 12) the ic is compatible with an external analog speed sensing: its output must be applied to pin 4, and pin 12 connected to pin 8. in most of the applications it is more convenient to use a digital speed sensing with an inexpensive tachogenerator which doesn t need any tuning. during every positive cycle at pin 12, the capacitor c pin 11 is charged to almost v cc and during this time, pin 4 delivers a current which is 10 times the one charging c pin 11 . the current source gain is called g and is tightly specified, but nevertheless requires an adjustment on r pin 4 . the current into this resistor is proportional to c pin 11 and to the motor speed; being filtered by a capacitor, v pin 4 becomes smothered and represents the atrue actual motor speedo. to maintain linearity into the high speed range, it is important to verify that c pin 11 is fully charged: the internal source on pin 11 has 100 k w impedance. nevertheless c pin 11 has to be as high as possible as it has a large influence on fv/c temperature factor. a 470 k w resistor between pins 11 and 9 reduces leakage currents and temperature factor as well, down to neglectable effects. pin 12 also has a monitoring function: when its voltage is above 5.0 v, the trigger pulses are inhibited and the ic is reset. it also senses the tachogenerator continuity, and in case of any circuit aperture, it inhibits pulse, avoiding the motor to run out of control. in the tda 1085c, pin 12 is negatively clamped by an internal diode which removes the necessity of the external one used in the former circuit. ramp generator (pins 5, 6, 7) the true set speed value taken in consideration by the regulation is the output of the ramp generator (pin 7). with a given value of speed set input (pin 5), the ramp generator charges an external capacitor c pin 7 up to the moment v pin 5 (set speed) equals v pin 4 (true speed), see figure 2. the ic has an internal charging current source of 1.2ma and delivers it from 0 to 12 v at pin 7. it is the high acceleration ramp (5.0 s typical) which allows rapid motor speed changes without excessive strains on the mechanics. in addition, the tda 1085c offers the possibility to break this high acceleration with the introduction of a low acceleration ramp (called distribution) by reducing the pin 7 source current down to 5.0 m a under pin 6 full control, as shown by following conditions: ? presence of high acceleration ramp v pin 5 > v pin 4 ? distribution occurs in the v pin 4 range (true motor speed) defined by v pin 6  v pin 4  2.0 v pin 6 for two fixed values of v pin 5 and v pin 6 , the motor speed will have high acceleration, excluding the time for v pin 4 to go from v pin 6 to two times this value, high acceleration again, up to the moment the motor has reached the set speed value, at which it will stay, see figure 3. should a reset happen (whatever the cause would be), the above mentioned successive ramps will be fully reprocessed from 0 to the maximum speed. if v pin 6 = 0, only the high acceleration ramp occurs. to get a real zero speed position, pin 5 has been designed in such a way that its voltage from 0 to 80 mv is interpreted as a true zero. as a consequence, when changing the speed set position, the designer must be sure that any transient zero would not occur: if any, the entire circuit will be reset.
tda1085c http://onsemi.com 5 as the voltages applied by pins 5 and 6 are derived from the internal voltage regulator supply and pin 4 voltage is also derived from the same source, motor speed (which is determined by the ratios between above mentioned voltages) is totally independent from v cc variations and temperature factor. control amplifier (pin 16) it amplifies the difference between true speed (pin 4) and set speed (pin 5), through the ramp generator. its output available at pin 16 is a double sense current source with a maximum capability of 100 m a and a specified transconductance (340 m a/v typical). pin 16 drives directly the trigger pulse generator, and must be loaded by an electrical network which compensates the mechanical characteristics of the motor and its load, in order to provide stability in any condition and shortest transient response; see figure 4. this network must be adjusted experimentally. in case of a periodic torque variations, pin 16 directly provides the phase angle oscillations. trigger pulse generator (pins 1, 2, 5, 13, 14, 15) this circuit performs four functions: ? the conversion of the control amplifier dc output level to a proportional firing angle at every main line half cycle. ? the calibration of pulse duration. ? the repetition of the pulse if the triac fails to latch on if the current has been interrupted by brush bounce. ? the delay of firing pulse until the current crosses zero at wide firing angles and inductive loads. r pin 15 programs the pin 14 discharging current. saw tooth signal is then fully determined by r15 and c14 (usually 47 nf). firing pulse duration and repetition period are in inverse ratio to the saw tooth slope. pin 13 is the pulse output and an external limiting resistor is mandatory. maximum current capability is 200 ma. current limiter (pin 3) safe operation of the motor and triac under all conditions is ensured by limiting the peak current. the motor current develops an alternative voltage in the shunt resistor (0.05 w in figure 4). the negative half waves are transferred to pin 3 which is positively preset at a voltage determined by resistors r3 and r4. as motor current increases, the dynamical voltage range of pin 3 increases and when pin 3 becomes slightly negative in respect to pin 8, a current starts to circulate in it. this current, amplified typically 180 times, is then used to discharge pin 7 capacitor and, as a result, reduces firing angle down to a value where an equilibrium is reached. the choice of resistors r3, r4 and shunt determines the magnitude of the discharge current signals on c pin 7 . notice that the current limiter acts only on peak triac current.
tda1085c http://onsemi.com 6 application notes (refer to figure 4) printed circuit layout rules in the common applications, where tda 1085c is used, there is on the same board, presence of high voltage, high currents as well as low voltage signals where millivolts count. it is of first magnitude importance to separate them from each other and to respect the following rules: ? capacitor decoupling pins, which are the inputs of the same comparator, must be physically close to the ic, close to each other and grounded in the same point. ? ground connection for tachogenerator must be directly connected to pin 8 and should ground only the tacho. in effect, the latter is a first magnitude noise generator due to its proximity to the motor which induces high d f /dt signals. ? the ground pattern must be in the astar styleo in order to fully eliminate power currents flowing in the ground network devoted to capacitors decoupling sensitive pins: 4, 5, 7, 11, 12, 14, 16. as an example, figure 5 presents a pc board pattern which concerns the group of sensitive pins and their associated capacitors into which the a.m. rules have been implemented. notice the full separation of asignal worldo from apowero, one by line ab and their communication by a unique strip. these rules will lead to much satisfactory volume production in the sense that speed adjustment will stay valid in the entire speed range. power supply as dropping resistor dissipates noticeable power, it is necessary to reduce the i cc needs down to a minimum. triggering pulses, if a certain number of repetitions are kept in reserve to cope with motor brush wearing at the end of its life, are the largest i cc user. classical worst case configuration has to be considered to select dropping resistor. in addition, the parallel regulator must be always into its dynamic range, i.e., i pin 10 over 1.0 ma and v pin 10 over 3.0 v in any extreme configuration. the double filtering cell is mandatory. tachogenerator circuit the tacho signal voltage is proportional to the motor speed. stability considerations, in addition, require an rc filter, the pole of which must be looked at. the combination of both elements yield a constant amplitude signal on pin 12 in most of the speed range. it is recommended to verify this maximum amplitude to be within 1.0 v peak in order to have the largest signal/noise ratio without resetting the integrated circuit (which occurs if v pin 12 reaches 5.5 v). it must be also verified that the pin 12 signal is approximately balanced between ahigho (over 300 mv) and alowo. an 8poles tacho is a minimum for low speed stability and a 16poles is even better. the rc pole of the tacho circuit should be chosen within 30 hz in order to be as far as possible from the 150 hz which corresponds to the ac line 3rd harmonic generated by the motor during starting procedure. in addition, a high value resistor coming from v cc introduces a positive offset at pin 12, removes noise to be interpreted as a tacho signal. this offset should be designed in order to let pin 12 reach at least 200 mv (negative voltage) at the lowest motor speed. we remember the necessity of an individual tacho ground connection. frequency to voltage converter f v/c c pin 11 has a recommended value of 820 pf for 8poles tachos and maximum motor rpm of 15000, and r pin 11 must be always 470 k. r pin 4 should be chosen to deliver within 12 v at maximum motor speed in order to maximize signal/noise ratio. as the fv/c ratio as well as the c pin 11 value are dispersed, r pin 4 must be adjustable and should be made of a fixed resistor in service with a trimmer representing 25% of the total. adjustment would become easier. once adjusted, for instance at maximum motor speed, the fv/c presents a residual non linearity; the conversion factor (mv per rpm) increases by within 7.7% as speed draws to zero. the guaranteed dispersion of the latter being very narrow, a maximum 1% speed error is guaranteed if during pin 5 network design the small set values are modified, once forever, according this increase. the following formulas give v pin 4 : v pin 4  g.0  (v cc v a )  c pin 11  r 4  f  (1  120k r pin11 ) 1 in volts . g.0 . (v cc v a )  140 v a = 2.0 v be 120 k = r int , on pin 11 speed set (pin 5) upon designer choice, a set of external resistors apply a series of various voltages corresponding to the various motor speeds. when switching external resistors, verify that no voltage below 80 mv is ever applied to pin 5. if so, a full circuit reset will occur. ramps generator (pin 6) if only a high acceleration ramp is needed, connect pin 6 to ground. when a distribute ramp should occur, preset a voltage on pin 6 which corresponds to the motor speed starting ramp point. distribution (or low ramp) will continue up to the moment the motor speed would have reached twice the starting value. the ratio of two is imposed by the ic. nevertheless, it could be externally changed downwards (figure 6) or upwards (figure 7). the distribution ramp can be shortened by an external resistor from v cc charging c pin 7 , adding its current to the internal 5.0 m a generator. power circuits triac triggering pulse amplitude must be determined by pin 13 resistor according to the needs in quadrant iv.
tda1085c http://onsemi.com 7 trigger pulse duration can be disturbed by noise signals generated by the triac itself, which interfere within pins 14 and 16, precisely those which determine it. while easily visible, this effect is harmless. the triac must be protected from high ac line dv/dt during external disturbances by 100 nf x 100 w network. shunt resistor must be as noninductive as possible. it can be made locally by using constantan alloy wire. when the load is a dc fed universal motor through a rectifier bridge, the triac must be protected from commutating dv/dt by a 1.0 to 2.0 mh coil in series with mt 2 . synchronization functions are performed by resistors sensing ac line and triac conduction. 820 k values are normal but could be reduced down to 330 k in order to detect the azeroso with accuracy and to reduce the residual dc line component below 20 ma. current limitation the current limiter starts to discharge pin 7 capacitor (reference speed) as the motor current reaches the designed threshold level. the loop gain is determined by the resistor connecting pin 3 to the series shunt. experience has shown that its optimal value for a 10 arms limitation is within 2.0 k w . pin 3 input has a sensitivity in current which is limited to reasonable values and should not react to spikes. if not used, pin 3 must be connected to a maximum positive voltage of 5.0 v rather than be left open. loop stability the pin 16 network is predominant and must be adjusted experimentally during module development. the values indicated in figure 4 are typical for washing machine applications but accept large modifications from one model to another. r16 (the sole restriction) should not go below 33 k, otherwise slew rate limitation will cause large transient errors for load steps. figure 2. acceleration ramp figure 3. programmable double acceleration ramp v v pin 5 v pin7 t 0 v pin 6 = v ds 0 v ds v df high acceleration ramp distribution low acceleration ramp high acceleration ramp v pin5 fixed set value speeds t v pin4 v df = 2 v ds
tda1085c http://onsemi.com 8 680 r7 1500k r11 470k r15 r10 r4 270 6.8k 1n4007 r1 820k r2 820k 120 100 100n shunt 50 m w r3 2.7k c14 47n c16 100n 47 m r16 68k 150k 50k 220n 22k 1.0 m 470 m c7 1.0 m 68k 47k 1.0 m ramp speed speed/ramp selector resistive network tacho generator figure 4. basic application circuit current limitation: 10 a adjusted by r4 experimentally ramps high acceleration: 3200 rpm per second distribution ramp: 10 s from 850 to 1300 rpm speeds: wash 800 rpm distribution 1300 spin 1: 7500 spin 2: 15,000 pin 5 voltage set: 609 mv 996 mv 5,912 v 12,000 v including nonlinearity corrections including nonlinearity corrections including nonlinearity corrections adjustment point motor speed range: 0 to 15,000 rpm tachogenerator 8 poles delivering 30 v peak to peak at 6000 rpm, in open circuit fv/c factor: 8 mv per rpm (12 v full speed) c pin 11 = 680 pf v cc = 15.3 v triac max15a8 15 a 600 v igt min = 90 ma to cover quad iv at 10 c 11 15 9 10 2 1 13 3 14 16 8 12 4 5 6 7 tda1085c +v cc c11 820 pf 100 m 100 m m
tda1085c http://onsemi.com 9 figure 5. pc board layout 270k 120 100nf 47nf 470k 820pf 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 1.0 m f v cc a b mt2 mt1 470 m f +v cc v cc 0.22 m f ground connection
tda1085c http://onsemi.com 10 pin 6 v cc c r3 r2 r1 r5 r4 distribute and spin 1 contact v 2v pin6 t v pin6 t t k < 2 spin 1 (defined by r5/r4 + r5) 0 0 v pin6 for k = 1.6, r 3 = 0.6 (r1 + r2), r 3 c within 4 seconds 2v pin6 pin 5 figure 6. distribution speed k < 2 s d + s 1 v cc pin 6 k > 2 t 2v pin6 t v pin6 t spin 1 v v pin6 2v pin6 pin 5 0 0 figure 7. distribution speed k > 2
tda1085c http://onsemi.com 11 figure 8. simplified schematic 3 4 11 12 10 8 9 13 15 14 1 2 16 6 7 5 0.7v i 6 i 7 i 2 i 1 0.7v on" for ip2 = 0 enable for ip1 # 0 r1=r2 r1 r2 -v cc 1.2ma 1.2ma 5.7 v 25 m a 5.0 m a 0.6v 5.0 m a +v cc 80mv i 5 + - - + + monitoring if* *(p12 connected) and (v cc ok) and (vp5>80mv) then i 1 off), ( i 2 off), ( i 4 off) and ( i 5 off) ( i 3 -v cc 0.7 v
tda1085c http://onsemi.com 12 package dimensions plastic package case 64808 issue r notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. a b f c s h g d j l m 16 pl seating 18 9 16 k plane t m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. tda1085c/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of TDA1085C-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X